データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FTR-MY データシート(PDF) 2 Page - Fujitsu Component Limited.

部品番号 FTR-MY
部品情報  POWER RELAY 1 POLE - 5A SLIM POWER RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-MY データシート(HTML) 2 Page - Fujitsu Component Limited.

  FTR-MY Datasheet HTML 1Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 2Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 3Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 4Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 5Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 6Page - Fujitsu Component Limited. FTR-MY Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FTR-MY SERIES
n
SPECIFICATIONS
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and
expected reliability levels.
Item
FTR-MY
Contact
Arrangement
1 form A
Material
Gold overlay silver alloy
Configuration
Bifurcated (Crossbar)
Resistance (initial)
Maximum 30 mΩ (at 1 A 6 VDC)
Rating (resistive)
5 A 250 VAC / 5A 30 VDC
Maximum Carrying Current
5 A
Maximum Switching Rating
1250 VA, 150W
Maximum Switching Voltage
277 VAC, 125 VDC
Maximum Switching Current
5 A
Minimum Switching Load*1
5 VDC 1mA
Coil
Nominal Power (at 20°C)
110 mW
Operate Power (at 20°C)
54 mW
Operating Temperature
–40°C to +90°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 10 ms
Release (at nominal voltage)
Maximum 5 ms
Life
Mechanical
2 x 10 7 operations minimum
Electrical
1 × 10 5 operations minimum (at 3A 250VAC, 30VDC resistive)
5 × 10 4 operations minimum (at 5 A 250 VAC, 30 VDC resistive)
(switching frequency 20 times/minute)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11 ± 1 ms)
Resistance Endurance
1,000 m/s2 (6 ± 1 ms)
Weight
Approximately 2.5 g
n
COIL DATA CHART
Note: All values in the table are measured at 20°C.
*: Specified values are subject to pulse
L
E
D
O
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
il
o
C
)
%
0
1
±
(
e
t
a
r
e
p
O
t
s
u
M
e
s
a
e
l
e
R
t
s
u
M
l
a
n
i
m
o
N
s
e
ir
e
S
Y
M
-
R
T
F
D
5
.
4
A
A
Y
M
-
R
T
F
C
D
V
5
.
4
5
8
1
C
D
V
5
1
.
3
C
D
V
5
2
2
.
0
W
m
0
1
1
D
5
0
0
A
A
Y
M
-
R
T
F
C
D
V
5
0
3
2
C
D
V
5
.
3
C
D
V
5
2
.
0
W
m
0
1
1
D
6
0
0
A
A
Y
M
-
R
T
F
C
D
V
6
0
3
3
C
D
V
2
.
4
C
D
V
3
.
0
W
m
0
1
1
D
9
0
0
A
A
Y
M
-
R
T
F
C
D
V
9
0
4
7
C
D
V
3
.
6
C
D
V
5
4
.
0
W
m
0
1
1
D
2
1
0
A
A
Y
M
-
R
T
F
C
D
V
2
1
0
1
3
,
1
C
D
V
4
.
8
C
D
V
6
.
0
W
m
0
1
1
D
8
1
0
A
A
Y
M
-
R
T
F
C
D
V
8
1
0
5
9
,
2
C
D
V
6
.
2
1
C
D
V
9
.
0
W
m
0
1
1
D
4
2
0
A
A
Y
M
-
R
T
F
C
D
V
4
2
0
4
2
,
5
C
D
V
8
.
6
1
C
D
V
2
.
1
W
m
0
1
1
e*
g
a
tl
o
V
e*
g
a
tl
o
V
Resistance
Power


同様の部品番号 - FTR-MY

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
logo
Adam Technologies, Inc.
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1519-V2 FINISAR-FTR-1519-V2 Datasheet
159Kb / 8P
   80km Extended GBIC Transceiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

同様の説明 - FTR-MY

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
   Slim (7.2mm .283inch), 1 Form A 5A power relay
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
   1a 5A slim power relay for interface
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com