データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA45-ABT6R120C0 データシート(PDF) 1 Page - Schurter Inc.

部品番号 TA45-ABT6R120C0
部品情報  IEC Appliance Inlet C14 with Circuit Breaker TA45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-ABT6R120C0 データシート(HTML) 1 Page - Schurter Inc.

  TA45-ABT6R120C0 Datasheet HTML 1Page - Schurter Inc. TA45-ABT6R120C0 Datasheet HTML 2Page - Schurter Inc. TA45-ABT6R120C0 Datasheet HTML 3Page - Schurter Inc. TA45-ABT6R120C0 Datasheet HTML 4Page - Schurter Inc. TA45-ABT6R120C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power entry modules without line filter
645
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Circuit Breaker TA45
C14
70° C
Description
-PanelMount:
Screw-onmountingfromfrontside
-2Functions:
ApplianceInletProtectionclassI,circuitbreakertypeTA452-pole
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithlinefilter5145
-WerecommendfornewapplicationsthenewtypeDF11
Approvals
-VDELicenseNumber:117118
-ULLicenseNumber:E96454
Characteristics
-Allsingleelementsarealreadywired
Unwiredversionsavailableonrequest
-Lineswitchnon-illuminatedorilluminated
Thermaloverloadprotection
Optionalwithundervoltage-orremotetriprelease
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-10°Cto55°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max6mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
CircuitBreakers
Acc.IEC/EN60934,UL1077,CSA
22.2no.235
2-polerockerswitch,illuminatedornon-
illuminated.Optionalwithundervoltage-
orremotetriprelease
ShortcircuitcapacityIcn:
atIn<3A/240VAC:10xIn
atIn
≥3A/240VAC:300A
LineSwitch
Rockerswitch2-pole,non-illuminated
orilluminated,acc.toIEC61058-1
Technicaldetails


同様の部品番号 - TA45-ABT6R120C0

メーカー部品番号データシート部品情報
logo
Schurter Inc.
TA45-ABTWF120C0 SCHURTER-TA45-ABTWF120C0 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
More results

同様の説明 - TA45-ABT6R120C0

メーカー部品番号データシート部品情報
logo
Schurter Inc.
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_18 Datasheet
622Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_17 Datasheet
508Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
5145 SCHURTER-5145_17 Datasheet
805Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com