データシートサーチシステム |
|
LZG-B12WE-K データシート(PDF) 3 Page - Fujitsu Component Limited. |
|
LZG-B12WE-K データシート(HTML) 3 Page - Fujitsu Component Limited. |
3 / 6 page 3 LZG SERIES DISCONTINUED s SPECIFICATIONS 10 A Type 5 A Type 3 A Type 1 A Type Item LZG-( )VM LZG-( )H, LZG-( )HE LZG( ), LZG-( )E LZG-( )W Contact Arrangement 1 form A (SPST-NO) 1 form A (SPST-NO) or 1 form C (SPDT) Material Silver alloy Style Single Bifurcated Resistance (initial) (at 1 A 6 VDC) Maximum 70 m Ω (LZG-H) Maximum 100 m Ω (LZG-VM, HE, E) Rating (resistive) 10 A 120 VAC/24 VDC 5 A 120 VAC/24 VDC 3 A 120 VAC/30 VDC 1 A 120 VAC/30 VDC 1/4 HP 120 VAC 1/8 HP 120 VAC 1/10 HP 120 VAC Maximum Carrying Current 10 A 5 A 1 A Maximum Switching Power Maximum Switching Voltage 250 VAC, 150 VDC Maximum Switching Current 10 A 5 A 3 A 1 A Minimum Switching Load*1 10 mA 5 VDC (LZG-H) 100 mA 5 VDC (LZG-VM, HE, E) 0.1 mA 100 VDC Coil Nominal Power (at 20 °C) Standard type: 0.45 to 0.6 W High sensitivity type: 0.33 W Operate Power (at 20 °C) Standard type: 0.17 to 0.22 W High sensitivity type: 0.14 W Operating Temperature Standard type: –30 °C to +70°C (no frost) High sensitivity type: –30 °C to +80°C (no frost) (refer to the CHARACTERISTIC DATA) Time Value Operate (at nominal voltage) Maximum 7 ms Release (at nominal voltage) Maximum 4 ms Insulation Resistance (at 500 VDC) Minimum 250 M Ω between 750 VAC 1 minute Dielectric open contacts Strength between coil 2,500 VAC 1 minute and contacts Surge Strength 7,000 V (at 1.2 × 50 µs) Life Mechanical 2 × 10 7 operations minimum Electrical 1 × 10 5 operations minimum (rated load) Other Vibration Misoperation 10 to 55 Hz (double amplitude of 3.3 mm) Resistance Endurance 10 to 55 Hz (double amplitude of 3.3 mm) Shock Misoperation 100 m/s 2 (11 ±1 ms) Resistance Endurance 1,000 m/s 2 (6 ±1 ms) Weight Approximately 9.2 g *1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels. Gold overlay silver alloy Gold overlay silver-palladium 1,680 VA, 240 W 960 VA, 120 W 600 VA, 90 W 190 VA, 30 W Max. 50 m Ω |
同様の部品番号 - LZG-B12WE-K |
|
同様の説明 - LZG-B12WE-K |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |