データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC1G07 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74AHC1G07
部品情報  Buffer with open-drain output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G07 データシート(HTML) 5 Page - NXP Semiconductors

  74AHC1G07 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AHC_AHCT1G07_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 7 June 2007
5 of 11
NXP Semiconductors
74AHC1G07; 74AHCT1G07
Buffer with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V.
[2]
Typical values are measured at VCC = 5.0 V.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf = ≤ 3.0 ns. For test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G07
tPZL
OFF-state
to LOW
propagation
delay
A to Y; see Figure 5
VCC = 3.0 V to 3.6 V
[1]
CL = 15 pF
-
3.5
5.6
1.0
6.3
1.0
7.0
ns
CL = 50 pF
-
5.0
8.0
1.0
9.0
1.0
10.0
ns
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
2.5
3.9
1.0
4.6
1.0
4.9
ns
CL = 50 pF
-
3.6
5.5
1.0
6.5
1.0
7.0
ns
tPLZ
LOW to
OFF-state
propagation
delay
A to Y; see Figure 5
VCC = 3.0 V to 3.6 V
[1]
CL = 15 pF
-
5.8
7.9
1.0
8.4
1.0
8.9
ns
CL = 50 pF
-
8.3
11.5
1.0
12.0
1.0
12.5
ns
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
4.2
5.1
1.0
5.6
1.0
6.1
ns
CL = 50 pF
-
6.0
7.5
1.0
8.0
1.0
8.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-5-
-
-
-
-
pF
For type 74AHCT1G07
tPZL
OFF-state
to LOW
propagation
delay
A to Y; see Figure 5
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
2.8
4.6
1.0
5.3
1.0
5.6
ns
CL = 50 pF
-
4.0
6.5
1.0
7.5
1.0
8.0
ns
tPLZ
LOW to
OFF-state
propagation
delay
A to Y; see Figure 5
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
3.9
5.6
1.0
6.1
1.0
6.6
ns
CL = 50 pF
-
5.5
8.0
1.0
8.5
1.0
9.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-
6.5
-
-
-
-
-
pF


同様の部品番号 - 74AHC1G07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74AHC1G07-Q100 NEXPERIA-74AHC1G07-Q100 Datasheet
204Kb / 10P
   Buffer with open-drain output
Rev. 4 - 11 January 2022
logo
NXP Semiconductors
74AHC1G07GV PHILIPS-74AHC1G07GV Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
logo
Nexperia B.V. All right...
74AHC1G07GV NEXPERIA-74AHC1G07GV Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
More results

同様の説明 - 74AHC1G07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com