データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC1G08GW データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHC1G08GW
部品情報  2-input AND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G08GW データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G08GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AHC_AHCT1G08_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 29 June 2007
6 of 11
NXP Semiconductors
74AHC1G08; 74AHCT1G08
2-input AND gate
12. Waveforms
Measurement points are given in Table 9.
Fig 5.
Input (A and B) to output (Y) propagation delays
mna116
A, B input
Y output
tPHL
tPLH
VM
VM
Table 9.
Measurement point
Type
Input
Output
VI
VM
VM
74AHC1G08
GND to VCC
0.5
× VCC
0.5
× VCC
74AHCT1G08
GND to 3.0 V
1.5 V
0.5
× VCC
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT


同様の部品番号 - 74AHC1G08GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC1G08GW PHILIPS-74AHC1G08GW Datasheet
80Kb / 12P
   2-input AND gate
1999 Jan 27
74AHC1G08GW PHILIPS-74AHC1G08GW Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08GW NXP-74AHC1G08GW Datasheet
63Kb / 6P
   2-input AND gate
B.V. 2007
logo
Nexperia B.V. All right...
74AHC1G08GW NEXPERIA-74AHC1G08GW Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G08GW-G NXP-74AHC1G08GW-G Datasheet
63Kb / 6P
   2-input AND gate
B.V. 2007
More results

同様の説明 - 74AHC1G08GW

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com