データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC2G125GD データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74AHC2G125GD
部品情報  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G125GD データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC2G125GD Datasheet HTML 6Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 7Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 8Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 9Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 10Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 11Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 12Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 13Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74AHC_AHCT2G125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 22 December 2008
10 of 15
NXP Semiconductors
74AHC2G125; 74AHCT2G125
Dual buffer/line driver; 3-state
13. Package outline
Fig 9.
Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


同様の部品番号 - 74AHC2G125GD

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G125 PHILIPS-74AHC2G125 Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125 NEXPERIA-74AHC2G125 Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC2G125DC PHILIPS-74AHC2G125DC Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125DC NEXPERIA-74AHC2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
More results

同様の説明 - 74AHC2G125GD

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com