データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC164245 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74ALVC164245
部品情報  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC164245 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC164245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 12Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 13Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 14Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74ALVC164245_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
11 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
[1]
All typical values are measured at nominal voltage for VCC(B) and VCC(A) and at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
[4]
The condition is VI = GND to VCC.
11. AC waveforms
CPD
power
dissipation
capacitance
5 V port: nAn to nBn;
VCC(B) = 5 V; VCC(A) = 3.3 V
[3][4]
outputs enabled
-
30
-
-
-
pF
outputs disabled
-
15
-
-
-
pF
3 V port: nBn to nAn;
VCC(B) = 5 V; VCC(A) = 3.3 V
[3][4]
outputs enabled
-
40
-
-
-
pF
outputs disabled
-
5
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf 2.5 ns; CL = 50 pF; for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C
Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
Input (nAn, nBn) to output (nBn, nAn) propagation delays
001aaa792
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


同様の部品番号 - 74ALVC164245

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
More results

同様の説明 - 74ALVC164245

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com