データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G38 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AUP1G38
部品情報  Low-power 2-input NAND gate (open drain)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G38 データシート(HTML) 2 Page - NXP Semiconductors

  74AUP1G38 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74AUP1G38_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
2 of 15
NXP Semiconductors
74AUP1G38
Low-power 2-input NAND gate (open drain)
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G38GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1G38GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G38GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G38GW
aB
74AUP1G38GM
aB
74AUP1G38GF
aB
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aab717
A
Y
B
1
2
4
001aab716
4
1
2
&
001aab715
Y
GND
A
B


同様の部品番号 - 74AUP1G38

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74AUP1G386GF NXP-74AUP1G386GF Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
74AUP1G386GM NXP-74AUP1G386GM Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
More results

同様の説明 - 74AUP1G38

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
74AUP2G38 NXP-74AUP2G38 Datasheet
501Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com