データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G34GM データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74AUP1G34GM
部品情報  Low-power buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G34GM データシート(HTML) 5 Page - NXP Semiconductors

  74AUP1G34GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74AUP1G34_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 August 2008
5 of 15
NXP Semiconductors
74AUP1G34
Low-power buffer
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
40
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.8
-
pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-state input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-state input voltage
VCC = 0.8 V
-
-
0.30
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-state output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-state output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74AUP1G34GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G34GM NEXPERIA-74AUP1G34GM Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
More results

同様の説明 - 74AUP1G34GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
   Low-power buffer
logo
NXP Semiconductors
74AUP1G34 PHILIPS-74AUP1G34_15 Datasheet
411Kb / 20P
   Low-power buffer
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com