データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G34GF データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AUP1G34GF
部品情報  Low-power buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G34GF データシート(HTML) 1 Page - NXP Semiconductors

  74AUP1G34GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G34GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74AUP1G34 provides a low-power, low-voltage single buffer.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I Complies with JEDEC standards:
N JESD8-12 (0.8 V to 1.3 V)
N JESD8-11 (0.9 V to 1.65 V)
N JESD8-7 (1.2 V to 1.95 V)
N JESD8-5 (1.8 V to 2.7 V)
N JESD8-B (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E Class 3A. Exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G34
Low-power buffer
Rev. 03 — 14 August 2008
Product data sheet


同様の部品番号 - 74AUP1G34GF

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G34GM NEXPERIA-74AUP1G34GM Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
74AUP1G34GN NEXPERIA-74AUP1G34GN Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
74AUP1G34GS NEXPERIA-74AUP1G34GS Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
74AUP1G34GW NEXPERIA-74AUP1G34GW Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
74AUP1G34GW-Q100 NEXPERIA-74AUP1G34GW-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
More results

同様の説明 - 74AUP1G34GF

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
   Low-power buffer
logo
NXP Semiconductors
74AUP1G34 PHILIPS-74AUP1G34_15 Datasheet
411Kb / 20P
   Low-power buffer
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com