データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G57GW データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AUP1G57GW
部品情報  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G57GW データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G57GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74AUP1G57_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
8 of 19
NXP Semiconductors
74AUP1G57
Low-power configurable multiple function gate
11. Dynamic characteristics
∆I
OFF
additional power-off leakage
current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
75
µA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A, B and C to Y;
see Figure 12
[2]
VCC = 0.8 V
-
22.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
6.5
12.6
2.5
13.0
13.2
ns
VCC = 1.4 V to 1.6 V
2.2
4.6
7.6
2.5
8.2
8.6
ns
VCC = 1.65 V to 1.95 V
2.1
3.9
6.2
2.0
6.8
7.2
ns
VCC = 2.3 V to 2.7 V
2.0
3.1
4.5
1.8
5.1
5.3
ns
VCC = 3.0 V to 3.6 V
1.8
2.8
3.9
1.5
4.1
4.3
ns
CL = 10 pF
tpd
propagation delay
A, B and C to Y;
see Figure 12
[2]
VCC = 0.8 V
-
26.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.3
14.4
2.8
14.9
15.2
ns
VCC = 1.4 V to 1.6 V
2.6
5.2
8.7
2.8
9.3
9.8
ns
VCC = 1.65 V to 1.95 V
2.5
4.5
7.0
2.2
7.8
8.2
ns
VCC = 2.3 V to 2.7 V
2.4
3.7
5.2
2.1
5.9
6.2
ns
VCC = 3.0 V to 3.6 V
2.3
3.4
4.6
1.9
4.9
5.1
ns
CL = 15 pF
tpd
propagation delay
A, B and C to Y;
see Figure 12
[2]
VCC = 0.8 V
-
31.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.4
8.0
15.7
3.1
16.7
17.0
ns
VCC = 1.4 V to 1.6 V
2.8
5.7
9.4
3.1
10.4
10.9
ns
VCC = 1.65 V to 1.95 V
2.6
4.9
7.7
2.5
8.7
9.2
ns
VCC = 2.3 V to 2.7 V
2.6
4.1
5.7
2.4
6.5
6.9
ns
VCC = 3.0 V to 3.6 V
2.5
3.8
5.0
2.2
5.5
5.7
ns


同様の部品番号 - 74AUP1G57GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G57GW PHILIPS-74AUP1G57GW Datasheet
82Kb / 22P
   Low-power configurable multiple function gate
Rev. 01.-16 January 2006
74AUP1G57GW NXP-74AUP1G57GW Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
logo
Nexperia B.V. All right...
74AUP1G57GW NEXPERIA-74AUP1G57GW Datasheet
294Kb / 20P
   Low-power configurable multiple function gate
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74AUP1G57GWAC NXP-74AUP1G57GWAC Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
More results

同様の説明 - 74AUP1G57GW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com