データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G97GW データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74AUP1G97GW
部品情報  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G97GW データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G97GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74AUP1G97_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 23 June 2009
10 of 19
NXP Semiconductors
74AUP1G97
Low-power configurable multiple function gate
12. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times
Y output
A, B, C input
Y output
GND
VI
VOH
VOH
VOL
VOL
VM
VM
VM
VM
VM
VM
tPLH
tPLH
tPHL
tPHL
001aab593
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5VCC
0.5VCC
VCC
≤ 3.0 ns


同様の部品番号 - 74AUP1G97GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G97GW PHILIPS-74AUP1G97GW Datasheet
97Kb / 19P
   Low-power configurable multiple function gate
Rev. 01-7 November 2006
74AUP1G97GW NXP-74AUP1G97GW Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AUP1G97GW NEXPERIA-74AUP1G97GW Datasheet
300Kb / 20P
   Low-power configurable multiple function gate
Rev. 13 - 9 May 2023
More results

同様の説明 - 74AUP1G97GW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com