データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G98 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AUP1G98
部品情報  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G98 データシート(HTML) 2 Page - NXP Semiconductors

  74AUP1G98 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74AUP1G98_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 29 June 2009
2 of 19
NXP Semiconductors
74AUP1G98
Low-power configurable multiple function gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G98GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G98GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G98GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G98GW
a9
74AUP1G98GM
a9
74AUP1G98GF
a9
Fig 1.
Logic diagram
001aad987
A
3
B
1
C
Y
6
4


同様の部品番号 - 74AUP1G98

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
Diodes Incorporated
74AUP1G98 DIODES-74AUP1G98 Datasheet
619Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G98 ONSEMI-74AUP1G98 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.4
logo
Nexperia B.V. All right...
74AUP1G98 NEXPERIA-74AUP1G98 Datasheet
293Kb / 19P
   Low-power configurable multiple function gate
Rev. 10 - 24 January 2022
logo
Fairchild Semiconductor
74AUP1G98FHX FAIRCHILD-74AUP1G98FHX Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
More results

同様の説明 - 74AUP1G98

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com