データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G386 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74AUP1G386
部品情報  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G386 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
11 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
13. Package outline
Fig 9.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


同様の部品番号 - 74AUP1G386

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GN NEXPERIA-74AUP1G386GN Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GS NEXPERIA-74AUP1G386GS Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GW NEXPERIA-74AUP1G386GW Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

同様の説明 - 74AUP1G386

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com