データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1T34GM データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AUP1T34GM
部品情報  Low-power dual supply translating buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T34GM データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1T34GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1T34GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74AUP1T34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 December 2006
6 of 19
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
VOL
LOW-level
output voltage
VI = VIL
IO = 20 µA; VCC(A) =VCC(Y) = 1.1 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC(A) = VCC(Y) = 1.1 V
-
-
0.3
× V
CC(Y)
V
IO = 1.7 mA; VCC(A) = VCC(Y) = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC(A) = VCC(Y) = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC(A) = VCC(Y) = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC(A) = VCC(Y) = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC(A) = VCC(Y) = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC(A) = VCC(Y) = 3.0 V
-
-
0.45
V
II
input leakage
current
VI = GND to VCC(A);
VCC(A) =VCC(Y) = 1.1 V to 3.6 V
--
±0.5
µA
IOFF
power-off
leakage current
A input; VI = 0 V to 3.6 V;
VCC(A) =0V;VCC(Y) = 0 V to 3.6 V
--
±0.5
µA
Y output; VO = 0 V to 3.6 V; VCC(A) =0Vto3.6 V;
VCC(Y) =0V
--
±0.5
µA
∆IOFF
additional
power-off
leakage current
A input; VI = 0 V to 3.6 V;
VCC(A) = 0 V to 0.2 V; VCC(Y) = 0 V to 3.6 V
--
±0.6
µA
Y output; VO = 0 V to 3.6 V; VCC(A) =0Vto3.6 V;
VCC(Y) = 0 V to 0.2 V
--
±0.6
µA
ICC
supply current
port A; VI = GND or VCC(A); IO = 0 A
VCC(A) = VCC(Y) = 1.1 V to 3.6 V
-
-
0.9
µA
VCC(A) = 3.6 V; VCC(Y) = 0 V
-
-
0.9
µA
VCC(A) = 0 V; VCC(Y) = 3.6 V
-
-
0.0
µA
port Y; VI = GND or VCC(A); IO = 0 A
VCC(A) = VCC(Y) = 1.1 V to 3.6 V
-
-
0.9
µA
VCC(A) = 3.6 V; VCC(Y) = 0 V
-
-
0.0
µA
VCC(A) = 0 V; VCC(Y) = 3.6 V
-
-
0.9
µA
port A and port Y; VI = GND or VCC(A); IO = 0 A;
VCC(A) =VCC(Y) = 1.1 V to 3.6 V
-
-
0.9
µA
∆ICC
additional
supply current
A input; VCC(A) = 3.3 V; VCC(Y) = 0 V to 3.6 V;
VI =VCC(A) − 0.6 V
--
50
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level
input voltage
VCC(A) = 1.1 V to 1.95 V; VCC(Y) = 1.1 V to 3.6 V
0.7
× VCC(A)
--
V
VCC(A) = 2.3 V to 2.7 V; VCC(Y) = 1.1 V to 3.6 V
1.6
-
-
V
VCC(A) = 3.0 V to 3.6 V; VCC(Y) = 1.1 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input
voltage
VCC(A) = 1.1 V to 1.95 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.3
× VCC(A)
V
VCC(A) = 2.3 V to 2.7 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.7
V
VCC(A) = 3.0 V to 3.6 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.9
V
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74AUP1T34GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1T34GM NEXPERIA-74AUP1T34GM Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GM-Q100 NEXPERIA-74AUP1T34GM-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
More results

同様の説明 - 74AUP1T34GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com