データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9-3E6 データシート(PDF) 3 Page - Ferroxcube International Holding B.V.

部品番号 TC9-3E6
部品情報  Ferrite toroids
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FERROXCUBE [Ferroxcube International Holding B.V.]
ホームページ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC9-3E6 データシート(HTML) 3 Page - Ferroxcube International Holding B.V.

  TC9-3E6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC9-3E6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC9-3E6 Datasheet HTML 3Page - Ferroxcube International Holding B.V. TC9-3E6 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1606
Ferroxcube
Ferrite toroids
TC9/6/3
Tag plate
General data
Type number information for TC9/6/3 tag plate (SMD) with 8 solder pads
PARAMETER
SPECIFICATION
Tag plate material
liquid crystal polymer (LCP), glass reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E54705
Solder pad material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF SOLDER PADS
TYPE NUMBER
8
TGPS-9-8P-Z
handbook, full pagewidth
1.8
12
11
2.8
3
3
9
0.8
14.7
max.
10.8
min.
0.3
1.8
13 max.
1.75
max.
2
45
°
CBW284
Fig.2 TC9/6/3 tag plate (SMD); 8-solder pads.
Dimensions in mm.
Cover data
PARAMETER
SPECIFICATION
Cover material
polyamide (PA4.6) glass reinforced,
flame retardant in accordance with
“UL 94V-0”
Maximium
operating
temperature
130
°C, “IEC 60085” class B
Type number
COV-9
handbook, halfpage
0.6 (4
×)
6 max.
11.7 max.
0.6
11
±0.1
CBW285
Fig.3 TC9/6/3 cover.
Dimensions in mm.


同様の部品番号 - TC9-3E6

メーカー部品番号データシート部品情報
logo
Mini-Circuits
TC9-1 MINI-TC9-1 Datasheet
341Kb / 1P
   RF Transformer
TC9-1++ MINI-TC9-1+ Datasheet
341Kb / 1P
   RF Transformer
TC9-1-75 MINI-TC9-1-75 Datasheet
327Kb / 1P
   RF Transformer
TC9-1-75++ MINI-TC9-1-75+ Datasheet
327Kb / 1P
   RF Transformer
TC9-1-75G2 MINI-TC9-1-75G2 Datasheet
246Kb / 1P
   RF Transformer
More results

同様の説明 - TC9-3E6

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com