データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78 データシート(PDF) 3 Page - Zetex Semiconductors

部品番号 L78
部品情報  PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

L78 データシート(HTML) 3 Page - Zetex Semiconductors

  L78 Datasheet HTML 1Page - Zetex Semiconductors L78 Datasheet HTML 2Page - Zetex Semiconductors L78 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMMTL718
1m
10
1m
100m
10
1m
100m
10
0.1
10
100m
1m
1m
100m
10
IC - Collector Current (A)
VCE(sat) v IC
0
0.5
IC/IB=10
IC/IB=20
IC/IB=50
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100
µs
+150°C
VCE=2V
+25°C
-55°C
IC/IB=10
VCE=2V
-55°C
IC/IB=10
10m
100m
1
0.1
0.2
0.3
0.4
10m
1
0.1
0.2
0.3
0.4
0.5
10m
1
400
800
0.4
0.8
1.2
10m
1
10m
1
0.2
0.4
0.6
0.8
1
1.2
110
100
100m
1
2
TYPICAL CHARACTERISTICS


同様の部品番号 - L78

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
L78 STMICROELECTRONICS-L78 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L78 STMICROELECTRONICS-L78 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
logo
Guangdong Youtai Semico...
L78 UMW-L78 Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
logo
STMicroelectronics
L7800 STMICROELECTRONICS-L7800 Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - L78

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com