データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1T98GW データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AUP1T98GW
部品情報  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T98GW データシート(HTML) 2 Page - NXP Semiconductors

  74AUP1T98GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T98GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74AUP1T98_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 March 2008
2 of 17
NXP Semiconductors
74AUP1T98
Low-power configurable gate with voltage-level translator
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1T98GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1T98GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1T98GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP1T98GW
aR
74AUP1T98GM
aR
74AUP1T98GF
aR
Fig 1.
Logic symbol
001aad987
A
3
B
1
C
Y
6
4


同様の部品番号 - 74AUP1T98GW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1T98GW NEXPERIA-74AUP1T98GW Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
74AUP1T98GW-Q100 NEXPERIA-74AUP1T98GW-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
More results

同様の説明 - 74AUP1T98GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com