データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1Z125 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74AUP1Z125
部品情報  Low-power X-tal driver with enable and internal resistor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1Z125 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1Z125 Datasheet HTML 7Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 8Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 9Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 10Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 11Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 12Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 13Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 14Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
74AUP1Z125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
11 of 29
NXP Semiconductors
74AUP1Z125
Low-power X-tal driver with enable and internal resistor
VOL
LOW-level output voltage
Y output; VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
X2 output; VI = GND or VCC
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
X1 input
VI = EN = VCC; VCC = 0 V to 3.6 V
-
-
±0.75
µA
EN input
VI = GND to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.75
µA
Ipu
pull-up current
X1 input; EN = VCC
VI = GND; VCC = 0.8 V to 3.6 V
-
-
15
µA
IOZ
OFF-state output current
Y output; VO =0Vto3.6 V; VCC =0
V to 3.6 V; EN = VCC
--
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
[1] --
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
[1] --
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
75
µA
∆ICC
additional supply current
EN input
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74AUP1Z125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
74AUP1Z125 NXP-74AUP1Z125 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
logo
NXP Semiconductors
74AUP1Z125GF PHILIPS-74AUP1Z125GF Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
74AUP1Z125GM PHILIPS-74AUP1Z125GM Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
More results

同様の説明 - 74AUP1Z125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com