データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP2G02GM データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AUP2G02GM
部品情報  Low-power dual 2-input NOR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G02GM データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G02GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G02GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74AUP2G02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2008
8 of 17
NXP Semiconductors
74AUP2G02
Low-power dual 2-input NOR gate
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
17.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.5
5.1
10.8
2.1
12.1
13.4
ns
VCC = 1.4 V to 1.6 V
1.6
3.7
6.7
1.4
7.8
8.6
ns
VCC = 1.65 V to 1.95 V
1.3
3.0
5.3
1.1
6.2
6.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
3.9
0.9
4.6
5.1
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
3.4
0.8
4.0
4.4
ns
CL = 10 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
20.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.4
6.0
12.8
2.2
14.3
15.8
ns
VCC = 1.4 V to 1.6 V
1.9
4.3
7.9
1.7
9.2
10.2
ns
VCC = 1.65 V to 1.95 V
1.6
3.6
6.2
1.5
7.3
8.1
ns
VCC = 2.3 V to 2.7 V
1.4
3.0
4.7
1.2
5.6
6.2
ns
VCC = 3.0 V to 3.6 V
1.3
2.7
4.2
1.2
5.0
5.5
ns
CL = 15 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
23.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.4
6.8
14.6
3.1
16.4
18.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
8.9
2.0
10.4
11.5
ns
VCC = 1.65 V to 1.95 V
1.9
4.0
7.0
1.7
8.3
9.2
ns
VCC = 2.3 V to 2.7 V
1.7
3.4
5.4
1.5
6.3
7.0
ns
VCC = 3.0 V to 3.6 V
1.6
3.2
4.8
1.4
5.7
6.3
ns
CL = 30 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
34.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.6
9.0
19.9
4.1
22.4
24.7
ns
VCC = 1.4 V to 1.6 V
3.4
6.4
11.8
2.9
13.9
15.3
ns
VCC = 1.65 V to 1.95 V
2.6
5.3
9.3
2.3
11.1
12.3
ns
VCC = 2.3 V to 2.7 V
2.4
4.5
7.1
2.1
8.5
9.4
ns
VCC = 3.0 V to 3.6 V
2.3
4.2
6.4
2.1
7.7
8.5
ns


同様の部品番号 - 74AUP2G02GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP2G02GF NEXPERIA-74AUP2G02GF Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GN NEXPERIA-74AUP2G02GN Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GS NEXPERIA-74AUP2G02GS Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GT NEXPERIA-74AUP2G02GT Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results

同様の説明 - 74AUP2G02GM

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com