データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP2G07GM データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AUP2G07GM
部品情報  Low-power dual buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G07GM データシート(HTML) 2 Page - NXP Semiconductors

  74AUP2G07GM Datasheet HTML 1Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 2Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 3Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74AUP2G07_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 June 2009
2 of 15
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G07GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2G07GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2G07GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP2G07GW
p7
74AUP2G07GM
p7
74AUP2G07GF
p7
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mnb092
1A
1Y
1
6
2A
2Y
3
4
6
1
1A
1Y
mnb093
4
3
2A
2Y
mna625
A
Y
GND


同様の部品番号 - 74AUP2G07GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP2G07GM PHILIPS-74AUP2G07GM Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AUP2G07GM NEXPERIA-74AUP2G07GM Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results

同様の説明 - 74AUP2G07GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com