データシートサーチシステム |
|
74AUP2T1326GF データシート(PDF) 5 Page - NXP Semiconductors |
|
74AUP2T1326GF データシート(HTML) 5 Page - NXP Semiconductors |
5 / 16 page 74AUP2T1326_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 1 July 2009 5 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state [1] VCCO is the supply voltage associated with an output pin. [2] VCCI is the supply voltage associated with an input pin. 10. Static characteristics Tamb ambient temperature −40 +85 °C ∆t/∆V input transition rise and fall rate input A; VCCI = 1.1 V to 3.6 V [2] - 200 ns/V input nOE; VCCI = 1.1 V to 3.6 V [2] - 30 ms/V Table 6. Recommended operating conditions …continued Symbol Parameter Conditions Min Max Unit Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 °C −40 °C to +85 °C Unit Min Typ Max Min Max VIH HIGH-level input voltage input A; [1][3] VCCI = 1.65 V to 1.95 V 0.65VCCI - - 0.65VCCI -V VCCI = 2.3 V to 2.7 V 1.6 - - 1.6 - V VIL LOW-level input voltage input A; [1][3] VCCI = 1.65 V to 1.95 V - - 0.35VCCI - 0.35VCCI V VCCI = 2.3 V to 2.7 V - - 0.7 - 0.7 V VOH HIGH-level output voltage VI =VIL or VI or VI =VT+ or VT− IO = −20 µA; VCCO = 1.65 V to 2.7 V [2] VCCO − 0.1 - - VCCO − 0.1 - V IO = −3 mA; VCCO = 1.65 V 1.2 - - 1.2 - V IO = −2.3 mA; VCCO = 2.3 V 1.97 - - 1.97 - V IO = −4.0 mA; VCCO = 2.3 V 2.0 - - 2.0 - V VOL LOW-level output voltage VI =VIL or VI or VI =VT+ or VT− [2] IO = 20 µA; VCCO = 1.65 V to 2.7 V - - 0.10 - 0.10 V IO = 3.0 mA; VCCO = 1.65 V - - 0.45 - 0.45 V IO = 2.3 mA; VCCO = 2.3 V - - 0.33 - 0.33 V IO = 4.0 mA; VCCO = 2.3 V - - 0.40 - 0.40 V II input leakage current input A; VI = 0 V to 2.7 V; VCCI = 1.65 V to 2.7 V [1] -- ±0.1 - ±0.5 µA IOZ OFF-state output current output 2Y, 3Y; VI = VIH or VIL; VO = 0 V to 2.7 V; VCC(A) = 1.65 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V -- ±0.1 - ±0.5 µA IOFF power-off leakage current 1Y; VCC(A) =0V; VO = 0 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V -- ±0.2 - ±0.5 µA A, 2Y, 3Y; VCC(B) =0V; VI or VO = 0 V to 2.7 V; VCC(A) = 1.65 V to 2.7 V -- ±0.2 - ±0.5 µA |
同様の部品番号 - 74AUP2T1326GF |
|
同様の説明 - 74AUP2T1326GF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |