データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CBTLV1G125GW データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74CBTLV1G125GW
部品情報  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125GW データシート(HTML) 4 Page - NXP Semiconductors

  74CBTLV1G125GW Datasheet HTML 1Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 2Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74CBTLV1G125_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2007
4 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
[1]
Applies to control signal levels.
10. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+4.6
V
VSW
switch voltage
enable and disable mode
−0.5
VCC + 0.5
V
IIK
input clamping current
VI/O < −0.5 V
-
−50
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±50
mA
ISW
switch current
VSW = 0 V to VCC
-
±128
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.3
-
3.6
V
VI
input voltage
0
-
3.6
V
VSW
switch voltage
enable and disable mode
0
-
VCC
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 2.3 V to 3.6 V
[1] 0
-
20
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
II
input leakage current
VI = GND to VCC; VCC = 3.6 V
-
-
±1.0
µA
IS(OFF)
OFF-state leakage current
VI =VIH or VIL; VO =VCC − GND;
VCC = 3.6 V; see Figure 6
-
±0.1
±5
µA
IS(ON)
ON-state leakage current
VI =VIH or VIL; VCC = 3.6 V; see Figure 7
-
±0.1
±5
µA


同様の部品番号 - 74CBTLV1G125GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74CBTLV1G125GW PHILIPS-74CBTLV1G125GW Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
More results

同様の説明 - 74CBTLV1G125GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com