データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CBTLV1G125GM データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74CBTLV1G125GM
部品情報  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125GM データシート(HTML) 1 Page - NXP Semiconductors

  74CBTLV1G125GM Datasheet HTML 1Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 2Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74CBTLV1G125 is a high-performance, low-power, low-voltage, Si-gate CMOS
device, superior to most advanced CMOS compatible TTL families.
Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 2.3 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74CBTLV1G125 provides a single high-speed line switch. The switch is disabled
when the output enable (OE) input is high.
To ensure the high-impedance OFF-state during power up or power down, OE should be
tied to the VCC through a pullup resistor. The minimum value of the resistor is determined
by the current-sinking capability of the driver.
2.
Features
s Supply voltage range from 2.3 V to 3.6 V
s High noise immunity
s Complies with JEDEC standard:
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114-D exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101-C exceeds 1000 V
s 5
Ω switch connection between two ports
s Rail to rail switching on data I/O ports
s CMOS low power consumption
s Latch-up performance meets requirements of JESD78 Class I
s IOFF circuitry provides partial power down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74CBTLV1G125
Single bus switch
Rev. 01 — 23 February 2007
Product data sheet


同様の部品番号 - 74CBTLV1G125GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74CBTLV1G125GM PHILIPS-74CBTLV1G125GM Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
More results

同様の説明 - 74CBTLV1G125GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com