データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC2G32 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74HC2G32
部品情報  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G32 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74HC2G32 Datasheet HTML 5Page - NXP Semiconductors 74HC2G32 Datasheet HTML 6Page - NXP Semiconductors 74HC2G32 Datasheet HTML 7Page - NXP Semiconductors 74HC2G32 Datasheet HTML 8Page - NXP Semiconductors 74HC2G32 Datasheet HTML 9Page - NXP Semiconductors 74HC2G32 Datasheet HTML 10Page - NXP Semiconductors 74HC2G32 Datasheet HTML 11Page - NXP Semiconductors 74HC2G32 Datasheet HTML 12Page - NXP Semiconductors 74HC2G32 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74HC_HCT2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2009
9 of 13
NXP Semiconductors
74HC2G32; 74HCT2G32
Dual 2-input OR gate
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


同様の部品番号 - 74HC2G32

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC2G32 PHILIPS-74HC2G32 Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HC2G32 NEXPERIA-74HC2G32 Datasheet
212Kb / 12P
   Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
211Kb / 12P
   Dual 2-input OR gate
Rev. 3 - 8 February 2019
logo
NXP Semiconductors
74HC2G32DC PHILIPS-74HC2G32DC Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
More results

同様の説明 - 74HC2G32

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com