データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT2G126 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74HCT2G126
部品情報  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G126 データシート(HTML) 3 Page - NXP Semiconductors

  74HCT2G126 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74HC_HCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
3 of 14
NXP Semiconductors
74HC2G126; 74HCT2G126
Dual buffer/line driver; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 7
output enable input
1A, 2A
2, 5
data input
1Y, 2Y
6, 3
data output
GND
4
ground (0 V)
VCC
8
supply voltage
Table 4.
Function table[1]
Input
Output
nOE
nA
nY
HL
L
HHH
LX
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
[1] -
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
−70
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
[2] -
300
mW


同様の部品番号 - 74HCT2G126

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT2G126 PHILIPS-74HCT2G126 Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DC PHILIPS-74HCT2G126DC Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DP PHILIPS-74HCT2G126DP Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

同様の説明 - 74HCT2G126

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com