データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT3G06GD データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74HCT3G06GD
部品情報  Triple inverter with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G06GD データシート(HTML) 4 Page - NXP Semiconductors

  74HCT3G06GD Datasheet HTML 1Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 2Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 3Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 4Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 5Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 6Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 7Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 8Page - NXP Semiconductors 74HCT3G06GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74HC_HCT3G06_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2009
4 of 13
NXP Semiconductors
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC3G06
74HCT3G06
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
6.0
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
74HC3G06
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
µA
ILO
output leakage
current
VI =VIL; VO =VCC or GND
-
-
±5.0
-
±10
µA
ICC
supply current
per input pin; VCC = 6.0 V;
VI =VCC or GND; IO =0A;
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF


同様の部品番号 - 74HCT3G06GD

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT3G06 PHILIPS-74HCT3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DC PHILIPS-74HCT3G06DC Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06DC NEXPERIA-74HCT3G06DC Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DP PHILIPS-74HCT3G06DP Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
More results

同様の説明 - 74HCT3G06GD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
   Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
   Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
   Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com