データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT3G34 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74HCT3G34
部品情報  Triple buffer gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G34 データシート(HTML) 3 Page - NXP Semiconductors

  74HCT3G34 Datasheet HTML 1Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 2Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 3Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74HC_HCT3G34_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
3 of 13
NXP Semiconductors
74HC3G34; 74HCT3G34
Triple buffer gate
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
1Y, 2Y, 3Y
7, 5, 2
data output
GND
4
ground (0 V)
VCC
8
supply voltage
Table 4.
Function table [1]
Input
Output
nA
nY
LL
HH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
quiescent supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
300
mW


同様の部品番号 - 74HCT3G34

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT3G34 PHILIPS-74HCT3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
logo
NXP Semiconductors
74HCT3G34DC PHILIPS-74HCT3G34DC Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HCT3G34DC NEXPERIA-74HCT3G34DC Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
More results

同様の説明 - 74HCT3G34

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com