データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC165 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74HC165
部品情報  8-bit parallel-in/serial out shift register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC165 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74HC165 Datasheet HTML 5Page - NXP Semiconductors 74HC165 Datasheet HTML 6Page - NXP Semiconductors 74HC165 Datasheet HTML 7Page - NXP Semiconductors 74HC165 Datasheet HTML 8Page - NXP Semiconductors 74HC165 Datasheet HTML 9Page - NXP Semiconductors 74HC165 Datasheet HTML 10Page - NXP Semiconductors 74HC165 Datasheet HTML 11Page - NXP Semiconductors 74HC165 Datasheet HTML 12Page - NXP Semiconductors 74HC165 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74HC_HCT165_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 March 2008
9 of 22
NXP Semiconductors
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
tsu
set-up time
DS to CP, CE; see Figure 10
VCC = 2.0 V
80
11
-
100
-
120
-
ns
VCC = 4.5 V
16
4
-
20
-
24
-
ns
VCC = 6.0 V
14
3
-
17
-
20
-
ns
CE to CP and CP to CE;
see Figure 10
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
Dn to PL; see Figure 11
VCC = 2.0 V
80
22
-
100
-
120
-
ns
VCC = 4.5 V
16
8
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns
th
hold time
DS to CP, CE and Dn to PL;
see Figure 10
VCC = 2.0 V
5
6
-
5
-
5
-
ns
VCC = 4.5 V
5
2
-
5
-
5
-
ns
VCC = 6.0 V
5
2
-
5
-
5
-
ns
CE to CP and CP to CE;
see Figure 10
VCC = 2.0 V
5
−17
-
5
-
5
-
ns
VCC = 4.5 V
5
−6-
5
-
5
-
ns
VCC = 6.0 V
5
−5-
5
-
5
-
ns
fmax
maximum
frequency
CP input; see Figure 7
VCC = 2.0 V
6
17
-
5
-
4
-
MHz
VCC = 4.5 V
30
51
-
24
-
20
-
MHz
VCC = 6.0 V
35
61
-
28
-
24
-
MHz
VCC = 5.0 V; CL = 15 pF
-
56
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC
[3]
-35-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 12
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


同様の部品番号 - 74HC165

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC165 PHILIPS-74HC165 Datasheet
73Kb / 10P
   8-bit parallel-in/serial-out shift register
December 1990
logo
Nexperia B.V. All right...
74HC165 NEXPERIA-74HC165 Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HC165-Q100 NEXPERIA-74HC165-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
74HC165-Q100 NEXPERIA-74HC165-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
74HC165BQ NEXPERIA-74HC165BQ Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
More results

同様の説明 - 74HC165

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com