データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC165 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC165
部品情報  8-bit parallel-in/serial out shift register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC165 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC165 Datasheet HTML 7Page - NXP Semiconductors 74HC165 Datasheet HTML 8Page - NXP Semiconductors 74HC165 Datasheet HTML 9Page - NXP Semiconductors 74HC165 Datasheet HTML 10Page - NXP Semiconductors 74HC165 Datasheet HTML 11Page - NXP Semiconductors 74HC165 Datasheet HTML 12Page - NXP Semiconductors 74HC165 Datasheet HTML 13Page - NXP Semiconductors 74HC165 Datasheet HTML 14Page - NXP Semiconductors 74HC165 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74HC_HCT165_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 March 2008
11 of 22
NXP Semiconductors
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi + Σ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
12. Waveforms
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC − 1.5 V
[3]
-35-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 12
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
The clock (CP) or clock enable (CE) to output (Q7 or Q7) propagation delays, the clock pulse width, the
maximum clock frequency and the output transition times
mna987
CP or CE input
Q7 or Q7 output
tPHL
tTHL
tTLH
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM


同様の部品番号 - 74HC165

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC165 PHILIPS-74HC165 Datasheet
73Kb / 10P
   8-bit parallel-in/serial-out shift register
December 1990
logo
Nexperia B.V. All right...
74HC165 NEXPERIA-74HC165 Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HC165-Q100 NEXPERIA-74HC165-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
74HC165-Q100 NEXPERIA-74HC165-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
74HC165BQ NEXPERIA-74HC165BQ Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
More results

同様の説明 - 74HC165

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com