データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT193DB データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74HCT193DB
部品情報  Presettable synchronous 4-bit binary up/down counter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT193DB データシート(HTML) 1 Page - NXP Semiconductors

  74HCT193DB Datasheet HTML 1Page - NXP Semiconductors 74HCT193DB Datasheet HTML 2Page - NXP Semiconductors 74HCT193DB Datasheet HTML 3Page - NXP Semiconductors 74HCT193DB Datasheet HTML 4Page - NXP Semiconductors 74HCT193DB Datasheet HTML 5Page - NXP Semiconductors 74HCT193DB Datasheet HTML 6Page - NXP Semiconductors 74HCT193DB Datasheet HTML 7Page - NXP Semiconductors 74HCT193DB Datasheet HTML 8Page - NXP Semiconductors 74HCT193DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The 74HC193 and 74HCT193 are high-speed Si-gate CMOS devices and are pin
compatible with Low power Schottky TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC193 and 74HCT193 are 4-bit synchronous binary up/down counters. Separate
up/down clocks, CPU and CPD respectively, simplify operation. The outputs change state
synchronously with the LOW-to-HIGH transition of either clock input. If the CPU clock is
pulsed while CPD is held HIGH, the device will count up. If the CPD clock is pulsed while
CPU is held HIGH, the device will count down. Only one clock input can be held HIGH at
any time, or erroneous operation will result. The device can be cleared at any time by the
asynchronous master reset input (MR); it may also be loaded in parallel by activating the
asynchronous parallel load input (PL).
The 74HC193 and 74HCT193 each contain four master-slave JK flip-flops with the
necessary steering logic to provide the asynchronous reset, load, and synchronous count
up and count down functions.
Each flip-flop contains JK feedback from slave to master, such that a LOW-to-HIGH
transition on the CPD input will decrease the count by one, while a similar transition on the
CPU input will advance the count by one.
One clock should be held HIGH while counting with the other, otherwise the circuit will
either count by twos or not at all, depending on the state of the first flip-flop, which cannot
toggle as long as either clock input is LOW. Applications requiring reversible operation
must make the reversing decision while the activating clock is HIGH to avoid erroneous
counts.
The terminal count up (TCU) and terminal count down (TCD) outputs are normally HIGH.
When the circuit has reached the maximum count state of 15, the next HIGH-to-LOW
transition of CPU will cause TCU to go LOW.
TCU will stay LOW until CPU goes HIGH again, duplicating the count up clock.
Likewise, the TCD output will go LOW when the circuit is in the zero state and the
CPD goes LOW. The terminal count outputs can be used as the clock input signals to the
next higher order circuit in a multistage counter, since they duplicate the clock waveforms.
Multistage counters will not be fully synchronous, since there is a slight delay time
difference added for each stage that is added.
The counter may be preset by the asynchronous parallel load capability of the circuit.
Information present on the parallel data inputs (D0 to D3) is loaded into the counter and
appears on the outputs (Q0 to Q3) regardless of the conditions of the clock inputs when
the parallel load (PL) input is LOW. A HIGH level on the master reset (MR) input will
disable the parallel load gates, override both clock inputs and set all outputs (Q0 to
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
Rev. 03 — 23 May 2007
Product data sheet


同様の部品番号 - 74HCT193DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT193DB NXP-74HCT193DB Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HCT193DB-Q100 NEXPERIA-74HCT193DB-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
More results

同様の説明 - 74HCT193DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com