データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT299N データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HCT299N
部品情報  8-bit universal shift register; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT299N データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT299N Datasheet HTML 2Page - NXP Semiconductors 74HCT299N Datasheet HTML 3Page - NXP Semiconductors 74HCT299N Datasheet HTML 4Page - NXP Semiconductors 74HCT299N Datasheet HTML 5Page - NXP Semiconductors 74HCT299N Datasheet HTML 6Page - NXP Semiconductors 74HCT299N Datasheet HTML 7Page - NXP Semiconductors 74HCT299N Datasheet HTML 8Page - NXP Semiconductors 74HCT299N Datasheet HTML 9Page - NXP Semiconductors 74HCT299N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
6 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW to HIGH CP transition;
X = don’t care.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DSL
18
serial data shift-left input
S1
19
mode select input
VCC
20
positive supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Function table[1]
Input
Response
MR
S1
S0
CP
L
X
X
X
asynchronous reset; Q0 to Q7 = LOW
HHH
parallel load; I/On
→ Qn
HL
H
shift right; DSR
→ Q0, Q0 → Q1, etc.
HHL
shift left; DSL
→ Q7, Q7 → Q6, etc.
H
L
L
X
hold
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO < VCC + 0.5 V
standard outputs
-
±25
mA
bus driver outputs
-
±35
mA
ICC
supply current
standard outputs
-
50
mA
bus driver outputs
-
70
mA
IGND
ground current
standard outputs
−50
-
mA
bus driver outputs
−70
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP20 package
[2] -
750
mW
SO20 package
[3] -
500
mW
(T)SSOP20 package
[4] -
500
mW


同様の部品番号 - 74HCT299N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT299N PHILIPS-74HCT299N Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
More results

同様の説明 - 74HCT299N

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com