データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4052 データシート(PDF) 16 Page - NXP Semiconductors

部品番号 74HC4052
部品情報  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052 データシート(HTML) 16 Page - NXP Semiconductors

Back Button 74HC4052 Datasheet HTML 12Page - NXP Semiconductors 74HC4052 Datasheet HTML 13Page - NXP Semiconductors 74HC4052 Datasheet HTML 14Page - NXP Semiconductors 74HC4052 Datasheet HTML 15Page - NXP Semiconductors 74HC4052 Datasheet HTML 16Page - NXP Semiconductors 74HC4052 Datasheet HTML 17Page - NXP Semiconductors 74HC4052 Datasheet HTML 18Page - NXP Semiconductors 74HC4052 Datasheet HTML 19Page - NXP Semiconductors 74HC4052 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
16 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
tr = tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.
[2]
VI values:
a) For 74HC4052: VI = VCC
b) For 74HCT4052: VI = 3 V
12. Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 Ω).
Table 11.
Test data
Test
Input
Load
S1 position
VI
Vis
tr, tf
CL
RL
at fmax
other[1]
tPHL, tPLH
[2]
pulse
< 2 ns
6 ns
50 pF
1 k
Ω
open
tPZH, tPHZ
[2]
VCC
< 2 ns
6 ns
50 pF
1 k
Ω
VEE
tPZL, tPLZ
[2]
VEE
< 2 ns
6 ns
50 pF
1 k
Ω
VCC
Table 12.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb = 25 °C; CL = 50 pF.
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nYn or nZ, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dsin
sine-wave distortion
fi = 1 kHz; RL = 10 kΩ; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = −2.25 V
-
0.04
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = −4.5 V
-
0.02
-
%
fi = 10 kHz; RL = 10 kΩ; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = −2.25 V
-
0.12
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = −4.5 V
-
0.06
-
%
α
iso
isolation (OFF-state)
RL = 600 Ω; fi = 1 MHz; see Figure 17
VCC = 2.25 V; VEE = −2.25 V
[1] -
−50
-
dB
VCC = 4.5 V; VEE = −4.5 V
[1] -
−50
-
dB
Xtalk
crosstalk
between two switches/multiplexers;
RL = 600 Ω; fi = 1 MHz; see Figure 18
VCC = 2.25 V; VEE = −2.25 V
[1] -
−60
-
dB
VCC = 4.5 V; VEE = −4.5 V
[1] -
−60
-
dB
Vct
crosstalk voltage
peak-to-peak value; between control and any
switch; RL = 600 Ω; fi = 1 MHz; E or Sn square
wave between VCC and GND; tr = tf = 6 ns;
see Figure 19
VCC = 4.5 V; VEE = 0 V
-
110
-
mV
VCC = 4.5 V; VEE = −4.5 V
-
220
-
mV
f(−3dB)
−3 dB frequency response
RL = 50 Ω; see Figure 20
VCC = 2.25 V; VEE = −2.25 V
[2] -
170
-
MHz
VCC = 4.5 V; VEE = −4.5 V
[2] -
180
-
MHz


同様の部品番号 - 74HC4052

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
129Kb / 15P
   Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
74HC4052 PHILIPS-74HC4052 Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HC4052 NEXPERIA-74HC4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

同様の説明 - 74HC4052

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com