データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT4052 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74HCT4052
部品情報  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4052 データシート(HTML) 1 Page - NXP Semiconductors

  74HCT4052 Datasheet HTML 1Page - NXP Semiconductors 74HCT4052 Datasheet HTML 2Page - NXP Semiconductors 74HCT4052 Datasheet HTML 3Page - NXP Semiconductors 74HCT4052 Datasheet HTML 4Page - NXP Semiconductors 74HCT4052 Datasheet HTML 5Page - NXP Semiconductors 74HCT4052 Datasheet HTML 6Page - NXP Semiconductors 74HCT4052 Datasheet HTML 7Page - NXP Semiconductors 74HCT4052 Datasheet HTML 8Page - NXP Semiconductors 74HCT4052 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The 74HC4052; 74HCT4052 is a high-speed Si-gate CMOS device and is pin compatible
with the HEF4052B. The device is specified in compliance with JEDEC standard no. 7A.
The 74HC4052; 74HCT4052 is a dual 4-channel analog multiplexer/demultiplexer with
common select logic. Each multiplexer has four independent inputs/outputs (pins nY0 to
nY3) and a common input/output (pin nZ). The common channel select logics include two
digital select inputs (pins S0 and S1) and an active LOW enable input (pin E). When
pin E = LOW, one of the four switches is selected (low-impedance ON-state) with pins S0
and S1. When pin E = HIGH, all switches are in the high-impedance OFF-state,
independent of pins S0 and S1.
VCC and GND are the supply voltage pins for the digital control inputs (pins S0, S1 and E).
The VCC to GND ranges are 2.0 V to 10.0 V for the 74HC4052 and 4.5 V to 5.5 V for the
74HCT4052. The analog inputs/outputs (pins nY0 to nY3 and nZ) can swing between VCC
as a positive limit and VEE as a negative limit. VCC − VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically
ground).
2.
Features
Wide analog input voltage range from
−5 V to +5 V
Low ON resistance:
80
Ω (typical) at V
CC − VEE = 4.5 V
70
Ω (typical) at V
CC − VEE = 6.0 V
60
Ω (typical) at V
CC − VEE = 9.0 V
Logic level translation: to enable 5 V logic to communicate with
±5 V analog signals
Typical ‘break before make’ built-in
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
−40 °C to +85 °C and −40 °C to +125 °C
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
Rev. 06 — 11 January 2010
Product data sheet


同様の部品番号 - 74HCT4052

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT4052 PHILIPS-74HCT4052 Datasheet
129Kb / 15P
   Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HCT4052 NEXPERIA-74HCT4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HCT4052-Q100 NEXPERIA-74HCT4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
logo
NXP Semiconductors
74HCT4052BQ PHILIPS-74HCT4052BQ Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HCT4052BQ NEXPERIA-74HCT4052BQ Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
More results

同様の説明 - 74HCT4052

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com