データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4051 データシート(PDF) 8 Page - Texas Instruments

部品番号 TL4051
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4051 データシート(HTML) 8 Page - Texas Instruments

Back Button TL4051 Datasheet HTML 4Page - Texas Instruments TL4051 Datasheet HTML 5Page - Texas Instruments TL4051 Datasheet HTML 6Page - Texas Instruments TL4051 Datasheet HTML 7Page - Texas Instruments TL4051 Datasheet HTML 8Page - Texas Instruments TL4051 Datasheet HTML 9Page - Texas Instruments TL4051 Datasheet HTML 10Page - Texas Instruments TL4051 Datasheet HTML 11Page - Texas Instruments TL4051 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
TL4051xQ (Adjustable Version) Electrical Characteristics
DV
REF
DI
Z
DV
REF
DV
KA
TL4051
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS487 – JUNE 2007
full range T
A = –40°C to 125°C (unless otherwise noted)
TL4051AQ
TL4051BQ
TL4051CQ
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Reference
IZ = 100 µA,
VREF
25
°C
1.212
1.212
1.212
V
voltage
VZ = 5 V
25
°C
–1.2
1.2
–2.4
2.4
–6
6
Reference
IZ = 100 µA,
voltage
mV
Full
VZ = 5 V
–7.4
7.4
–8.6
8.6
–12.2
12.2
tolerance(1)
range
25
°C
36
60
36
60
36
65
Minimum
IZ,min
µA
Full
cathode current
70
70
75
range
25
°C
0.3
1.1
0.3
1.1
0.3
1.1
IZ,min < IZ < 1 mA
Full
Reference
1.5
1.5
1.5
range
voltage change
mV
with cathode
25
°C
0.6
6
0.6
6
0.6
6
current change
1 mA < IZ < 12 mA
Full
8
8
8
range
Reference
25
°C
–1.69
–2.8
–1.69
–2.8
–1.69
–2.8
voltage change
IZ = 1 mA
mV/V
Full
with output
–3.5
–3.5
–3.5
range
voltage change
25
°C
70
130
70
130
70
130
Feedback
IFB
nA
Full
current
150
150
150
range
IZ = 10 mA,
25
°C
±20
±20
±20
VZ = 2.5 V
Average
IZ = 1 mA,
temperature
25
°C
±15
±15
±15
VZ = 2.5 V
αV
REF
coefficient of
ppm/
°C
reference
25
°C
±15
±15
±15
voltage(1)
IZ = 100 µA,
Full
VZ = 2.5 V
±50
±50
±50
range
IZ = 1 mA,
f = 120 Hz,
25
°C
0.3
0.3
0.3
IAC = 0.1 IZ,
Reverse
VZ = VREF
ZZ
dynamic
IZ = 1 mA,
impedance
f = 120 Hz,
25
°C
2
2
2
IAC = 0.1 IZ,
VZ = 10 V
IZ = 100 µA,
eN
Wideband noise
VZ = VREF,
25
°C
20
20
20
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term
stability of
t = 1000 h,
reverse
TA = 25°C ± 0.1°C,
25
°C
120
120
120
ppm
breakdown
IZ = 100 µA
voltage
Thermal
VHYST
∆T
A = –40°C to 125°C
0.3
0.3
0.3
mV/V
hysteresis(2)
(1)
Reference voltage tolerance and average temperature coefficient change with output voltage (VZ). See Typical Characteristics.
(2)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
8
Submit Documentation Feedback


同様の部品番号 - TL4051

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL4051 TI-TL4051 Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051 TI1-TL4051 Datasheet
1Mb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051A TI1-TL4051A Datasheet
697Kb / 27P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051A12 TI1-TL4051A12 Datasheet
1Mb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051A12IDBZR TI-TL4051A12IDBZR Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - TL4051

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com