データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC590PW データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC590PW
部品情報  8-bit binary counter with output register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC590PW データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC590PW Datasheet HTML 7Page - NXP Semiconductors 74HC590PW Datasheet HTML 8Page - NXP Semiconductors 74HC590PW Datasheet HTML 9Page - NXP Semiconductors 74HC590PW Datasheet HTML 10Page - NXP Semiconductors 74HC590PW Datasheet HTML 11Page - NXP Semiconductors 74HC590PW Datasheet HTML 12Page - NXP Semiconductors 74HC590PW Datasheet HTML 13Page - NXP Semiconductors 74HC590PW Datasheet HTML 14Page - NXP Semiconductors 74HC590PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74HC590_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
11 of 21
NXP Semiconductors
74HC590
8-bit binary counter with output register; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 9.
Waveforms showing the propagation delays from the counter clock input (CPC) to ripple carry (RCO)
output and the CPC pulse width
001aac550
1/fmax
tW
tPLH
tPHL
VI
GND
VOH
VOL
RCO output
CPC input
VM
VM
Table 8.
Measurement points
Type
Input
Output
VI
VM
VM
74HC590
VCC
0.5VCC
0.5VCC
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 10. Waveforms showing the propagation delays from the register clock input (CPR) to output (Qn) and the
register clock pulse width
001aac549
1/fmax
tW
tPHL
tPLH
VI
GND
VOH
VOL
Qn output
CPR input
VM
VM


同様の部品番号 - 74HC590PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC590PW NEXPERIA-74HC590PW Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results

同様の説明 - 74HC590PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
   8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
   8-bit Register/Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com