データシートサーチシステム |
|
TPD12S521 データシート(PDF) 4 Page - Texas Instruments |
|
TPD12S521 データシート(HTML) 4 Page - Texas Instruments |
4 / 12 page TPD12S521 SLVS639B – OCTOBER 2007 – REVISED APRIL 2009 .................................................................................................................................................... www.ti.com PIN DESCRIPTION NAME PIN NO. ESD LEVEL DESCRIPTION 5V_SUPPLY 1 2 kV(1) Current source for 5V_OUT LV_SUPPLY 2 2 kV(1) Bias for CE/DDC/HOTPLUG level shifters 3, 5, 8, 11,14, GND, TMDS_GND NA TMDS ESD and parasitic GND return(2) 25, 28, 31, 34, 36 TMDS_D2+ 4, 35 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_D2– 6, 33 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_D1+ 7, 32 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_D1– 9, 30 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_D0+ 10, 29 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_D0– 12, 27 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_CK+ 13, 26 8 kV(3) TMDS 0.8-pF ESD protection(4) TMDS_CK– 15, 24 8 kV(3) TMDS 0.8-pF ESD protection(4) CE_REMOTE_IN 16 2 kV(1) LV_SUPPLY referenced logic level into ASIC DDC_CLK_IN 17 2 kV(1) LV_SUPPLY referenced logic level into ASIC DDC_DAT_IN 18 2 kV(1) LV_SUPPLY referenced logic level into ASIC HOTPLUG_DET_IN 19 2 kV(1) LV_SUPPLY referenced logic level into ASIC HOTPLUG_DET_OUT 20 8 kV(3) 5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD(5) to connector DDC_DAT_OUT 21 8 kV(3) 5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector DDC_CLK_OUT 22 8 kV(3) 5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector CE_REMOTE_OUT 23 8 kV(3) 5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to connector ESD_BYP 37 2 kV(1) ESD bypass. This pin must be connected to a 0.1- µF ceramic capacitor. 5V_OUT 38 2 kV(1) 5-V regulator output (1) Human-Body Model (HBM) per MIL-STD-833, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ, 5V_SUPPLY and LV_SUPPLY within recommended operating conitions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1- µF ceramic capacitor connnected to GND. (2) These pins should be routed directly to the associated GND pins on the HDMI connector, with single-point ground vias at the connector. (3) Standard IEC 61000-4-2, CDISCHARGE = 150 pF, RDISCHARGE = 330 Ω, 5V_SUPPLY and LV_SUPPLY within recommended operating conditions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1- µF ceramic capacitor connected to GND. (4) These two pins must be connected together inline on the PCB. (5) This output can be connected to an external 0.1- µF ceramic capacitor, resulting in an increased ESD withstand voltage rating. 4 Submit Documentation Feedback Copyright © 2007–2009, Texas Instruments Incorporated Product Folder Link(s): TPD12S521 |
同様の部品番号 - TPD12S521_09 |
|
同様の説明 - TPD12S521_09 |