データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT241BQ データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74LVT241BQ
部品情報  3.3 V octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT241BQ データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT241BQ Datasheet HTML 3Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 4Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 5Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 6Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 7Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 8Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 9Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 10Page - NXP Semiconductors 74LVT241BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVT241_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2008
7 of 16
NXP Semiconductors
74LVT241
3.3 V octal buffer/line driver; 3-state
[1]
Typical values are measured at Tamb =25 °C and VCC = 3.3 V.
11. Waveforms
tPZL
OFF-state to LOW propagation delay
1OE to 1Yn; see Figure 6
VCC = 2.7 V
-
-
4.9
ns
VCC = 3.3 V ± 0.3 V
1.0
3.1
4.3
ns
2OE to 2Yn; see Figure 7
VCC = 2.7 V
-
-
5.4
ns
VCC = 3.3 V ± 0.3 V
1.0
3.8
5.0
ns
tPHZ
HIGH to OFF-state propagation delay 1OE to 1Yn; see Figure 6
VCC = 2.7 V
-
-
5.4
ns
VCC = 3.3 V ± 0.3 V
2.0
3.6
5.2
ns
2OE to 2Yn; see Figure 7
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.3 V ± 0.3 V
1.0
3.1
4.5
ns
tPLZ
LOW to OFF-state propagation delay
1OE to 1Yn; see Figure 6
VCC = 2.7 V
-
-
4.3
ns
VCC = 3.3 V ± 0.3 V
1.6
2.9
4.2
ns
2OE to 2Yn; see Figure 7
VCC = 2.7 V
-
-
4.3
ns
VCC = 3.3 V ± 0.3 V
1.0
2.8
4.0
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8; Tamb = −40 °C to +85 °C.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
Input (1An, 2An) to output (1Yn, 2Yn) propagation delays and output transition times
mna774
1An, 2An input
1Yn, 2Yn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


同様の部品番号 - 74LVT241BQ

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVT241BQ NEXPERIA-74LVT241BQ Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
More results

同様の説明 - 74LVT241BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com