データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT245BPW データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74LVT245BPW
部品情報  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245BPW データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74LVT245BPW Datasheet HTML 7Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 8Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 9Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 10Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 11Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 12Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 13Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 14Page - NXP Semiconductors 74LVT245BPW Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74LVT245B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 8 May 2008
11 of 15
NXP Semiconductors
74LVT245B
3.3 V octal transceiver with direction pin (3-state)
Fig 10. Package outline SOT360-1 (TSSOP20)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
99-12-27
03-02-19
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.1


同様の部品番号 - 74LVT245BPW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT245BPW PHILIPS-74LVT245BPW Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
logo
Nexperia B.V. All right...
74LVT245BPW NEXPERIA-74LVT245BPW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
More results

同様の説明 - 74LVT245BPW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com