データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVTN16245BDGG データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVTN16245BDGG
部品情報  3.3 V 16-bit transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BDGG データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVTN16245BDGG Datasheet HTML 4Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 9Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 10Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 11Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVTN16245B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2010
8 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
[1]
Typical values are measured at VCC = 3.3 V and at Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
μs is permitted. This parameter is valid for T
amb = 25 °C only.
[4]
ICC is measured with outputs pulled to VCC or GND.
[5]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
II
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
μA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
μA
input/output data pins; VCC = 3.6 V
[2]
VI = 5.5 V
-
0.1
20
μA
VI = VCC
-0.5
10
μA
VI = 0 V
−5
−0.1
-
μA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0V to 4.5V
-
0.1
±100
μA
ILO
output leakage current
output in HIGH-state when VO >VCC;
VO = 5.5 V; VCC =3.0 V
-
75
125
μA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI =GND or VCC; nOE =don’t care
[3] -40
±100
μA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC; IO =0A
output HIGH
-
0.07
0.12
mA
output LOW
-
4.0
6.0
mA
outputs disabled
[4] -
0.07
0.12
mA
ΔI
CC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V; one input
at VCC − 0.6 V other inputs at VCC or GND
[5] -0.1
0.2
mA
CI
input capacitance
pins nDIR and nOE, VO = 0V or 3.0V
-
3
-
pF
Cio(off)
off-state input/output
capacitance
pins nAn and nBn, outputs disabled;
VO = GND or VCC
-9
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit


同様の部品番号 - 74LVTN16245BDGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
160Kb / 17P
   3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Rev. 3-15 June 2011
logo
Nexperia B.V. All right...
74LVTN16245BDGG NEXPERIA-74LVTN16245BDGG Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
More results

同様の説明 - 74LVTN16245BDGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17