データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP320C6727BZDHA250 データシート(PDF) 2 Page - Texas Instruments

部品番号 TMP320C6727BZDHA250
部品情報  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BZDHA250 データシート(HTML) 2 Page - Texas Instruments

  TMP320C6727BZDHA250 Datasheet HTML 1Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 2Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 3Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 4Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 5Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 6Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 7Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 8Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
1.2 Description
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The TMS320C672x is the next generation of Texas Instruments' C67x generation of high-performance
32-/64-bit floating-point digital signal processors. The TMS320C672x includes the TMS320C6727B,
TMS320C6726B, TMS320C6722B, and TMS320C6720 devices.(1)
Enhanced C67x+ CPU. The C67x+ CPU is an enhanced version of the C67x CPU used on the C671x
DSPs. It is compatible with the C67x CPU but offers significant improvements in speed, code density, and
floating-point performance per clock cycle. At 350 MHz, the CPU is capable of a maximum performance of
2800 MIPS/2100 MFLOPS by executing up to eight instructions (six of which are floating-point
instructions) in parallel each cycle. The CPU natively supports 32-bit fixed-point, 32-bit single-precision
floating-point, and 64-bit double-precision floating-point arithmetic.
Efficient Memory System. The memory controller maps the large on-chip 256K-byte RAM and 384K-byte
ROM as unified program/data memory. Development is simplified since there is no fixed division between
program and data memory size as on some other devices.
The memory controller supports single-cycle data accesses from the C67x+ CPU to the RAM and ROM.
Up to three parallel accesses to the internal RAM and ROM from three of the following four sources are
supported:
• Two 64-bit data accesses from the C67x+ CPU
• One 256-bit program fetch from the core and program cache
• One 32-bit data access from the peripheral system (either dMAX or UHPI)
The large (32K-byte) program cache translates to a high hit rate for most applications. This prevents most
program/data access conflicts to the on-chip memory. It also enables effective program execution from an
off-chip memory such as an SDRAM.
High-Performance Crossbar Switch. A high-performance crossbar switch acts as a central hub between
the different bus masters (CPU, dMAX, UHPI) and different targets (peripherals and memory). The
crossbar is partially connected; some connections are not supported (for example, UHPI-to-peripheral
connections).
Multiple transfers occur in parallel through the crossbar as long as there is no conflict between bus
masters for a particular target. When a conflict does occur, the arbitration is a simple and deterministic
fixed-priority scheme.
The dMAX is given highest-priority since it is responsible for the most time-critical I/O transfers, followed
next by the UHPI, and finally by the CPU.
dMAX Dual Data Movement Accelerator. The dMAX is a module designed to perform Data Movement
Acceleration. The Data Movement Accelerator (dMAX) controller handles user-programmed data transfers
between the internal data memory controller and the device peripherals on the C672x DSPs. The dMAX
allows movement of data to/from any addressable memory space including internal memory, peripherals,
and external memory.
The dMAX controller includes features such as the capability to perform three-dimensional data transfers
for advanced data sorting, and the capability to manage a section of the memory as a circular buffer/FIFO
with delay-tap based reading and writing of data. The dMAX controller is capable of concurrently
processing two transfer requests (provided that they are to/from different source/destinations).
External Memory Interface (EMIF) for Flexibility and Expansion. The external memory interface on the
C672x supports a single bank of SDRAM and a single bank of asynchronous memory. The EMIF data
width is 16 bits wide on the C6726B, C6722B, and C6720 and 32 bits wide on the C6727B.
SDRAM support includes x16 and x32 SDRAM devices with 1, 2, or 4 banks.
The C6726B, C6722B, and C6720 support SDRAM devices up to 128M bits.
(1)
Throughout the remainder of the document, TMS320C6727B (or C6727B), TMS320C6726B (or C6726B), TMS320C6722B (or C6722B),
and/or TMS320C6720 (or C6720) will be referred to as TMS320C672x (or C672x).
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
2
Submit Documentation Feedback


同様の部品番号 - TMP320C6727BZDHA250

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - TMP320C6727BZDHA250

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com