データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ51CA データシート(PDF) 2 Page - Littelfuse

部品番号 SMCJ51CA
部品情報  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ51CA データシート(HTML) 2 Page - Littelfuse

  SMCJ51CA Datasheet HTML 1Page - Littelfuse SMCJ51CA Datasheet HTML 2Page - Littelfuse SMCJ51CA Datasheet HTML 3Page - Littelfuse SMCJ51CA Datasheet HTML 4Page - Littelfuse SMCJ51CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Revision: November 13, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount – 1500W > SMCJ series
SMCJ Series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage
V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
5.0
6.40
7.00
10
X
6.0
6.67
10
145.7
X
6.5
7.22
10
11.2
500
X
7.0
10
12.0
125.0
200
X
7.5
1
100
X
1
50
X
10.40
1
14.4
104.2
20
X
10.00
11.10
1
15.4
10
X
10.0
11.10
117.0
5X
11.0
12.20
1
1X
12.0
14.70
1
75.4
1
X
14.40
121.5
1X
14.0
15.60
17.20
1
64.7
1
X
15.0
16.70
1
24.4
61.5
1
X
16.0
1
26.0
57.7
1
X
17.0
1
27.6
54.4
1
X
20.00
22.10
1
51.4
1
X
20.0
22.20
24.50
1
1X
22.0
24.40
1
1X
24.0
26.70
1
1X
26.0
1
42.1
1X
1
45.4
1X
1
1X
40.60
1
1X
40.00
44.20
1
1X
40.0
44.40
1
64.5
1X
1
21.7
1
X
45.0
50.00
1
72.7
20.6
1
X
177.4
1X
51.0
56.70
62.70
1
1X
54.0
60.00
1
1X
64.40
71.20
1
16.1
1
X
60.0
66.70
1
15.5
1
X
64.0
71.10
1
14.6
1
X
70.0
1
1X
75.0
1
121.0
12.4
1
X
1
126.0
1X
104.00
1
11.0
1
X
100.00
111.00
1
146.0
1X
100.0
111.00
1
162.0
1X
110.0
122.00
1
177.0
1X
120.0
147.00
1
1X
144.00
1
7.2
1
X
150.0
167.00
1
6.2
1
X
160.0
1
1X
170.0
1
275.0
5.5
1
X
201.00
222.00
1
5.1
1
X
200.0
224.00
247.00
1
4.6
1
X
220.0
246.00
272.00
1
4.2
1
X
250.0
1
405.0
1X
1
1X
1
567.0
2.6
1
X
400.0
447.00
1
1X
440.0
1
2.1
1
X
of 10 volts and less, the I limit is double.
is ± 10% and V
C


同様の部品番号 - SMCJ51CA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Zowie Technology Corpor...
SMCJ51CA ZOWIE-SMCJ51CA Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMCJ51CA MDE-SMCJ51CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ51CA HUAXINAN-SMCJ51CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Formosa MS
SMCJ51CA FORMOSA-SMCJ51CA Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

同様の説明 - SMCJ51CA

メーカー部品番号データシート部品情報
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com