データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC559 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BC559
部品情報  PNP general purpose transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC559 データシート(HTML) 3 Page - NXP Semiconductors

  BC559 Datasheet HTML 1Page - NXP Semiconductors BC559 Datasheet HTML 2Page - NXP Semiconductors BC559 Datasheet HTML 3Page - NXP Semiconductors BC559 Datasheet HTML 4Page - NXP Semiconductors BC559 Datasheet HTML 5Page - NXP Semiconductors BC559 Datasheet HTML 6Page - NXP Semiconductors BC559 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Nov 05
3
NXP Semiconductors
Product data sheet
PNP general purpose transistor
BC559
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1.
VBEsat decreases by about −1.7 mV/K with increasing temperature.
2.
VBE decreases by about −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0 A
−1
−15
nA
VCB = −30 V; IE = 0 A; Tj = 150 °C
−4
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0 A
−100
nA
hFE
DC current gain; BC559C
VCE = −5 V; IC = −2 mA; see Fig.2
420
800
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −0.5 mA
−60
−300
mV
IC = −100 mA; IB = −5 mA
−180
−650
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA; note 1
−750
mV
IC = −100 mA; IB = −5 mA; note 1
−930
mV
VBE
base-emitter voltage
VCE = −5 V; IC = −2 mA; note 2
−600 −650
−750
mV
VCE = −5 V; IC = −10 mA; note 2
−820
mV
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A; f = 1 MHz
4
pF
fT
transition frequency
VCB = −5 V; IE = −10 mA; f = 100 MHz 100
MHz
F
noise figure; BC559C
VCE = −5 V; IC = −200 μA; RS = 2 kΩ;
f = 30 Hz to 15.7 kHz
4
dB
VCE = −5 V; IC = −200 μA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
4
dB


同様の部品番号 - BC559

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
logo
KEC(Korea Electronics)
BC559 KEC-BC559 Datasheet
34Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
NXP Semiconductors
BC559 PHILIPS-BC559 Datasheet
44Kb / 8P
   PNP general purpose transistor
1999 May 28
logo
Fairchild Semiconductor
BC559 FAIRCHILD-BC559 Datasheet
151Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Semtech Corporation
BC559 SEMTECH-BC559 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
More results

同様の説明 - BC559

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com