データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC546 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BC546
部品情報  65 V, 100 mA NPN general-purpose transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC546 データシート(HTML) 3 Page - NXP Semiconductors

  BC546 Datasheet HTML 1Page - NXP Semiconductors BC546 Datasheet HTML 2Page - NXP Semiconductors BC546 Datasheet HTML 3Page - NXP Semiconductors BC546 Datasheet HTML 4Page - NXP Semiconductors BC546 Datasheet HTML 5Page - NXP Semiconductors BC546 Datasheet HTML 6Page - NXP Semiconductors BC546 Datasheet HTML 7Page - NXP Semiconductors BC546 Datasheet HTML 8Page - NXP Semiconductors BC546 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
3 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
3.
Ordering information
[1]
Valid for all available selection groups.
[2]
Also available in SOT54 and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC846
-
plastic surface mounted package; 3 leads
SOT23
BC846W
SC-70
plastic surface mounted package; 3 leads
SOT323
BC846T
SC-75
plastic surface mounted package; 3 leads
SOT416
BC546A[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
BC546B[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
Table 5.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
BC846
1D*
BC846T
1M
BC846A
1A*
BC846AT
1A
BC846B
1B*
BC846BT
1B
BC846W
1D*
BC546A
C546A
BC846AW
1A*
BC546B
C546B
BC846BW
1B*
-
-


同様の部品番号 - BC546

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Continental Device Indi...
BC546 CDIL-BC546 Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Weitron Technology
BC546 WEITRON-BC546 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
ARTSCHIP ELECTRONICS CO...
BC546 ARTSCHIP-BC546 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Tiger Electronic Co.,Lt...
BC546 TGS-BC546 Datasheet
304Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (NPN)
More results

同様の説明 - BC546

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC846.215 NXP-BC846.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
logo
NXP Semiconductors
BC846B235 NXP-BC846B235 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
   General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
   General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com