データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4222 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CS4222
部品情報  20-Bit Stereo Audio Codec with Volume Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4222 データシート(HTML) 5 Page - Cirrus Logic

  CS4222_02 Datasheet HTML 1Page - Cirrus Logic CS4222_02 Datasheet HTML 2Page - Cirrus Logic CS4222_02 Datasheet HTML 3Page - Cirrus Logic CS4222_02 Datasheet HTML 4Page - Cirrus Logic CS4222_02 Datasheet HTML 5Page - Cirrus Logic CS4222_02 Datasheet HTML 6Page - Cirrus Logic CS4222_02 Datasheet HTML 7Page - Cirrus Logic CS4222_02 Datasheet HTML 8Page - Cirrus Logic CS4222_02 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CS4222
DS236F1
5
Pin Name
#
Pin Description
NC
1,14,
15, 28
No Connect - These pins are not connected internally and should be tied to DGND to minimize noise
coupling.
SMUTE
2
Soft Mute (Input)- Activates a muting function for both the left and right channel D/A converter outputs.
Soft muting is achieved by ramping down the volume in 0.5 dB steps until achieving mute if SOFT bit
(DAC Control Byte #2) is set to 0 (default).
LRCK
4
Left/Right Clock (Input)- Determines which channel is currently being input/output of the serial audio
data pins SDIN/SDOUT. The frequency of the Left/Right clock must be equal to the input sample rate.
Although the outputs for each ADC channel are transmitted at different times, Left/Right pairs represent
simultaneously sampled analog inputs.
SCLK
5
Serial Data Clock (Input)- Clocks the individual bits of the serial data into the SDIN pin and out of the
SDOUT pin.
VD
6
Digital Power (Input)- Positive power supply for the digital section. Nominally 5.0 VDC.
DGND
7
Digital Ground (Input)- Digital ground for the digital section.
SDOUT
8
Serial Data Output (Output)- Two's complement MSB-first serial data is output on this pin.
SDIN
9
Serial Data Input (Input)- Two's complement MSB-first serial data is input on this pin.
SCL/CCLK
10
Serial Control Port Clock (Input)- Serial clock for the control port interface. This pin should be tied to
DGND in stand-alone mode.
SDA/CDIN
11
Serial Control Port Data (Input/Output)- SDAisa data I/O lineinI2C mode and requires an external
pull-upresistor accordingtothe I2C specification. CDIN in the input data line for the serial control port in
SPI mode. This pin should be tied to DGND in stand-alone mode.
AD0/CS
12
Address Bit/Control Chip Select (Input)- In I2C mode, AD0 is a chip address bit. In SPI mode, CS is
used to enable the control port interface on the CS4222. The CS4222 will enter SPI mode if a negative
transition is ever seen on this pin after power up. This pin should be tied to DGND in stand-alone mode.
DEM0
DEM1
13
18
De-emphasis Control (Input) - Selects the standard 15
µs/50µs digital de-emphasis filter response for
32, 44.1 and 48 kHz sample rate.
AINR-,
AINR+
16,17 Differential Right Channel Analog Input (Input)- Analog input connections of the right channel differ-
ential inputs. Typically 2 Vrms differential (1 Vrms for each input pin) for a fullscale analog input signal.
AINL-,
AINL+
19,20 Differential Left Channel Analog Input (Input)- Analog input connections of the left channel differential
inputs. Typically 2 Vrms differential (1 Vrms for each input pin) for a fullscale analog input signal.
VA
21
Analog Power (Input)- Positive power supply for the analog section. Typically 5.0 VDC.
AGND
22
Analog Ground (Input)- Analog ground reference.
AOUTR-,
AOUTR+
23, 24 Differential Right Channel Analog Outputs (Output)- The full scale analog output level (differential) is
specified in the Analog Characteristics specification table.
AOUTL-,
AOUTL+
25, 26 Differential Left Channel Analog Outputs (Output)- The full scale analog output level (differential) is
specified in the Analog Characteristics specification table.
RST
27
Reset (Input) - When low, the device enters a low power mode and all internal registers are reset,
including the control port. When high, the control port becomes operational and normal operation will
occur.


同様の部品番号 - CS4222_02

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

同様の説明 - CS4222_02

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com