データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS493122-CL データシート(PDF) 9 Page - Cirrus Logic

部品番号 CS493122-CL
部品情報  Multi-Standard Audio Decoder Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493122-CL データシート(HTML) 9 Page - Cirrus Logic

Back Button CS493122-CL Datasheet HTML 5Page - Cirrus Logic CS493122-CL Datasheet HTML 6Page - Cirrus Logic CS493122-CL Datasheet HTML 7Page - Cirrus Logic CS493122-CL Datasheet HTML 8Page - Cirrus Logic CS493122-CL Datasheet HTML 9Page - Cirrus Logic CS493122-CL Datasheet HTML 10Page - Cirrus Logic CS493122-CL Datasheet HTML 11Page - Cirrus Logic CS493122-CL Datasheet HTML 12Page - Cirrus Logic CS493122-CL Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
CS49300 Family DSP
DS339F7
9
1.6. Switching Characteristics —
RESET
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 5. The minimum RESET pulse listed above is valid only when using the recommended pull-up/pull-down
resistors on the RD, WR, PSEL and ABOOT mode pins. For Rev. D and older parts, pull-up/pull-down
resistors may be 4.7 k or 3.3 k. For Rev. E and newer parts, pull-up/pull-down resistors must be 3.3 k.
6. This specification is characterized but not production tested.
1.7. Switching Characteristics —
CLKIN
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF, PLL Enabled)
Parameter
Symbol
Min
Max
Unit
RESET minimum pulse width low (-CL)
(Note 5)
Trstl
100
-
µs
RESET minimum pulse width low (-IL)
(Note 5)
Trstl
530
-
µs
All bidirectional pins high-Z after RESET low
(Note 6)
Trst2z
-100
ns
Configuration bits setup before RESET high
Trstsu
50
-
ns
Configuration bits hold after RESET high
Trsthld
15
-
ns
RESET
T
rst2z
T
rstl
T
rstsu
T
rsthld
RD, WR,
PSEL, ABOOT
All Bidirectional
Pins
Figure 1. RESET Timing
Parameter
Symbol
Min
Max
Unit
CLKIN period for internal DSP clock mode
Tclki
35
3800
ns
CLKIN high time for internal DSP clock mode
Tclkih
14
-
ns
CLKIN low time for internal DSP clock mode
Tclkil
14
-
ns
CLKIN
Tclkih
Tclkil
Tclki
Figure 2. CLKIN with CLKSEL = VSS = PLL Enable


同様の部品番号 - CS493122-CL

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS493122-CL CIRRUS-CS493122-CL Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
More results

同様の説明 - CS493122-CL

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
logo
NXP Semiconductors
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
   Multi-Function Digital Audio Decoder
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com