データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BPN データシート(PDF) 7 Page - NXP Semiconductors

部品番号 BC847BPN
部品情報  45 V, 100 mA NPN/PNP general-purpose transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847BPN データシート(HTML) 7 Page - NXP Semiconductors

Back Button BC847BPN Datasheet HTML 3Page - NXP Semiconductors BC847BPN Datasheet HTML 4Page - NXP Semiconductors BC847BPN Datasheet HTML 5Page - NXP Semiconductors BC847BPN Datasheet HTML 6Page - NXP Semiconductors BC847BPN Datasheet HTML 7Page - NXP Semiconductors BC847BPN Datasheet HTML 8Page - NXP Semiconductors BC847BPN Datasheet HTML 9Page - NXP Semiconductors BC847BPN Datasheet HTML 10Page - NXP Semiconductors BC847BPN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BC847BPN_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 February 2009
7 of 14
NXP Semiconductors
BC847BPN
45 V, 100 mA NPN/PNP general-purpose transistor
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = 5 V; f = 1 MHz; Tamb =25 °C
Fig 8.
TR1 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 9.
TR1 (NPN): Transition frequency as a function
of collector current; typical values
104
103
102
10
mgt729
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
006aab424
IC (mA)
10−1
102
10
1
108
109
fT
(Hz)
107


同様の部品番号 - BC847BPN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Nexperia B.V. All right...
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
logo
Pan Jit International I...
BC847BPN-AU PANJIT-BC847BPN-AU Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC847BPN-AU_A0_0001 PANJIT-BC847BPN-AU_A0_0001 Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
More results

同様の説明 - BC847BPN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC847QAPN NXP-BC847QAPN Datasheet
230Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
19 July 2013
BC847BPN115 PHILIPS-BC847BPN115 Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
BC847BPNH-Q NEXPERIA-BC847BPNH-Q Datasheet
268Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC847BPNH NEXPERIA-BC847BPNH Datasheet
267Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com