データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5461-IS データシート(PDF) 5 Page - Cirrus Logic

部品番号 CS5461-IS
部品情報  Single Phase Bi-Directional Power/Energy IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461-IS データシート(HTML) 5 Page - Cirrus Logic

  CS5461-IS Datasheet HTML 1Page - Cirrus Logic CS5461-IS Datasheet HTML 2Page - Cirrus Logic CS5461-IS Datasheet HTML 3Page - Cirrus Logic CS5461-IS Datasheet HTML 4Page - Cirrus Logic CS5461-IS Datasheet HTML 5Page - Cirrus Logic CS5461-IS Datasheet HTML 6Page - Cirrus Logic CS5461-IS Datasheet HTML 7Page - Cirrus Logic CS5461-IS Datasheet HTML 8Page - Cirrus Logic CS5461-IS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
CS5461
DS546F2
5
1. GENERAL DESCRIPTION
The CS5461 is a CMOS monolithic power measurement device with a real power/energy computation en-
gine. The CS5461 combines two programmable gain amplifiers, two
∆Σ modulators, two high-rate filters,
system calibration, and calculation functions. The device provides instantaneous voltage and current data
samples and calculates average (real) power, VRMS, IRMS, and instantaneous power data samples.
The CS5461 functionality is optimized for power measurement applications and is optimized to interface
to a shunt or current transformer for current measurement, and to a resistive divider or potential transform-
er for voltage measurement. To accommodate various input voltage levels from a multitude of current sen-
sors, the CS5461’s current channel has a front-end-programmable gain amplifier (PGA), which allows for
two available full-scale differential input signal ranges on the current channel: 100 mVP-P and 500 mVP-P,
while the voltage channel has a set input range of 500 mVP-P. With single +5 V (common-mode) supply
across VA+/VA-, both of the CS5461’s input channels can accommodate (common-mode + signal) levels
between -0.25 V and VA+. This allows for a completely bipolar differential input configuration. The com-
mon-mode voltage level of the differential input signals can be anywhere between the supply voltage levels
on the VA+/VA- pins, as long as enough voltage margin is left over so that the addition of the differential
signals will not cause the total swing to go below -0.25 V or above +5 V.
The CS5461 includes two high-rate digital filters, which decimate the output from the two
∆Σ modulators.
These filters integrate the output of the
∆Σ modulators for both channels to yield instantaneous voltage and
current waveform output data at a (MCLK/K)/1024 output word rate (OWR).
To facilitate communication to a microcontroller, the CS5461 includes a simple three-wire serial interface
which is SPI™ and Microwire™ compatible.


同様の部品番号 - CS5461-IS

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5461-IS CIRRUS-CS5461-IS Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
More results

同様の説明 - CS5461-IS

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com