データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC856BS データシート(PDF) 8 Page - NXP Semiconductors

部品番号 BC856BS
部品情報  65 V, 100 mA PNP/PNP general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856BS データシート(HTML) 8 Page - NXP Semiconductors

Back Button BC856BS Datasheet HTML 4Page - NXP Semiconductors BC856BS Datasheet HTML 5Page - NXP Semiconductors BC856BS Datasheet HTML 6Page - NXP Semiconductors BC856BS Datasheet HTML 7Page - NXP Semiconductors BC856BS Datasheet HTML 8Page - NXP Semiconductors BC856BS Datasheet HTML 9Page - NXP Semiconductors BC856BS Datasheet HTML 10Page - NXP Semiconductors BC856BS Datasheet HTML 11Page - NXP Semiconductors BC856BS Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BC856BS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 August 2009
8 of 12
NXP Semiconductors
BC856BS
65 V, 100 mA PNP/PNP general-purpose transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 11. Package outline SOT363 (SC-88)
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BC856BS
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165


同様の部品番号 - BC856BS

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
BC856BS KEXIN-BC856BS Datasheet
1Mb / 5P
   PNP Transistors
logo
Micro Commercial Compon...
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
   PNP Plastic-Encapsulate Transistors 200mW
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results

同様の説明 - BC856BS

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
logo
NXP Semiconductors
BC856S NXP-BC856S Datasheet
94Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQB-Q_SER NEXPERIA-BC856XQB-Q_SER Datasheet
248Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com