データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCE8.0A データシート(PDF) 3 Page - Littelfuse

部品番号 LCE8.0A
部品情報  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE8.0A データシート(HTML) 3 Page - Littelfuse

  LCE8.0A Datasheet HTML 1Page - Littelfuse LCE8.0A Datasheet HTML 2Page - Littelfuse LCE8.0A Datasheet HTML 3Page - Littelfuse LCE8.0A Datasheet HTML 4Page - Littelfuse LCE8.0A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
95
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
LCE Series
Axial Leaded – 1500W > LCE series
Please refer to http://www.Littelfuse.com/series/LCE.html for current information.
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pluse Width (Sec.)
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
25
50
75
100
0
25
50
75
100
125
150
175
T
L-Lead Temperature (ºC)
Average Power
Peak Power
(Single Pulse)
Application Note: Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
Low Capacitance
TVC
+
+
Figure 1 - Peak Pulse Power Rating
Figure 2 - Power Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - AC Line Protection Application
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100
125
150
175
200
T
L-Lead Temperature (ºC)
Figure 5 - Steady State Power Derating Curve


同様の部品番号 - LCE8.0A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
LCE8.0A EIC-LCE8.0A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
LCE8.0A RUILON-LCE8.0A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
LCE8.0A LITTELFUSE-LCE8.0A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE8.0A SOCAY-LCE8.0A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
LCE8.0A LITTELFUSE-LCE8.0A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
More results

同様の説明 - LCE8.0A

メーカー部品番号データシート部品情報
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com